Part Number Hot Search : 
AS1530 6070415 ANODE 7SZ126 91C1DD LB1831M 13020 BU2508
Product Description
Full Text Search
 

To Download HDG12864F-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDG12864F-1
Dimensional Drawing
77.50.2 70.7 (V/A) 66.52 (A/A)
Chip On Glass technology
128 X 64 Dots Graphic
2.8 MAX
0.52 33.24 (A/A) 38.8 (V/A) 44.8 0.48
51.3
6.5
50.0
PITCH 0.5 1 20
Dimension tolerance: +/-0.3mm
Features Back light ............................................................................None Connection ..........................................................Flat Flex Cable Options.............STN/FSTN, Transflective or Reflective Polarizer Built-in Controller..................................Epson/S-MOS SED1565
Power Supply
VDD V1
L C M 1.0uF x 5
V5
5.0V CAP2+ CAP2CAP1+ CAP1VOUT 4.7uF x 3
0.52
0.48
+
Physical Data Module Size........................................77.5W x 51.3H x 2.8T mm Viewing Area Size.........................................70.7W x 38.8H mm Dot Pitch........................................................0.52W x 0.52H mm Dot Size.........................................................0.48W x 0.48H mm Weight..................................................................................23 g Pin Connections
PIN NO. SYMBOL V5 V4 V3 V2 V1 VR CAP2+ CAP2CAP1CAP1+ VOUT # VSS VDD SI SCL RD WR A0 RES CS1 -
LEVEL
FUNCTION
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD -VSS VIN TOP TSTG MIN -0.3 VSS-0.3 0 -20 MAX 5.5 VDD 50 70 UNIT V V C C
1 2 3 4 5 6 7 8 9 10
Intermediate voltages
Voltage regulator
Inverter capacitors
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE SYM VIH VIL VOH VOL CONDITION IOH=0.2mA IOL=1.2mA VDD=5V TA=25C MIN VSS VSS 8.8 1/64 Duty TYP 0.7 8.2 MAX VDD VDD 1.1 9.6 UNIT V V mA V 0.8VDD 0.8VDD -
11 12 13 14 15 16 17 18 19 20
Output 0V +5V H/L LH L L H/L L L
Voltage for contrast control Power supply Serial data input Shift clock Read serial data Write serial data H = Data, L = Command Reset Chip select
0.2VDD V 0.2VDD V
POWER SUPPLY CURRENT IDD POWER SUPPLY FOR LCD VDD -VL DRIVE METHOD
#Has built-in inverter for negative power supply
Page 87


▲Up To Search▲   

 
Price & Availability of HDG12864F-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X